PART |
Description |
Maker |
43650-0301 43650-0700 43650-1200 43650-1102 43650- |
CONN HEADER 3POS 3MM RT ANG GOLD 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:7; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer RoHS Compliant: Yes 7 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 12POS 3MM RT ANG TIN 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit 3.0 SR RA TH Peg 30Au 11Ckt 11 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit 3.0 SR RA TH Peg 30Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
M80-5D10605M1-00-000-03-335 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews, 6 x Large bore signal contacts, 3 x 12 AWG Power contacts 9 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP/IDC
|
Harwin PLC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5C10605M2-02-336-02-336 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews 3.5mm board mount, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
44428-1402 44428-0406 44428-0401 |
CONN HEADER 14POS 3MM R/A GOLD 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MicroFit BMI RA DR Hdr 30Au 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 4POS 3MM RT ANG TIN 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
39-30-1221 39-30-0244 39-30-7165 39-30-1061 39-30- |
Header; No. of Contacts:22; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA RD/ Pegs 30 Au V-0 24 Ckt 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 16 Ckt Mini-Fit Jr R/A Header 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.165"; Number of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Multipole Connector; Number of Contacts:8; Pitch Spacing:4.20mm; Number of Rows:2; Series:5569; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Through Hole; Contact Finish:Gold 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini Fit Jr RA Header Assy w/pegs 18 Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr.; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 24POS 4.2MM R/A GOLD 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 20 Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,20 Contacts,SKT,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA 30 SAu Header Assy 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 22POS 4.2MM R/A TIN 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA DR/Pegs 30 Au V-2 14 Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 6CKT MINIFIT ASSEMBLY A556906A2GS 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Jr RA SR /Pegs TinV2Blk 6Ckt A-5569-12A2S
|
Molex, Inc. MOLEX INC
|
ADSP-BF532SBBC400 ADSP-BF531 ADSP-BF531SBBC400 ADS |
Blackfin Embedded Processor Metal Connector Backshell Circular Connector Series:97 28-2 (14 Contacts) Pin Insert; For Use With:Amphenol MIL-C-5015 97 Series Circular Connectors; No. of Contacts:14; Gender:Male; Operating Voltage:1250V
|
Analog Devices, Inc.
|
|